Part Number Hot Search : 
562LB358 IRFZ24NS 2SA1194K 1215S 12YL5M 5225B DT7101 CDA15
Product Description
Full Text Search
 

To Download IRF-3606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF-36
Vishay Dale
Inductors
Epoxy Conformal Coated, Axial Leaded
FEATURES
* High performance ferrite core is used in this epoxy conformally coated choke which allows for inductance values to 1000 H RoHS * Axial lead type, small lightweight design COMPLIANT * Special magnetic core structure contributes to high Q and self-resonant frequencies * Treated with epoxy resin coating for humidity resistance to ensure long life * Heat resistant adhesives and special structural design for effective open circuit measurement
STANDARD ELECTRICAL SPECIFICATIONS
IND. (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 TOL. 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % 5 %, 10 % TEST SRF DCR RATED DC Q FREQ. MIN. MAX. MIN. L & Q (MHz) (Ohms) CURRENT (mA) (MHz) 25 25.2 320 0.15 1750 0.16 1650 25 25.2 320 25 25.2 320 0.17 1560 25 25.2 320 0.19 1480 25 25.2 300 0.21 1400 25 25.2 300 0.24 1320 25 25.2 300 0.28 1280 25 25.2 280 0.32 1200 25 25.2 250 0.36 1150 25 25.2 230 0.41 1100 25 25.2 210 0.47 1030 45 25.2 172 0.24 980 45 25.2 140 0.24 920 50 7.96 140 0.27 880 50 7.96 131 0.30 830 55 7.96 121 0.32 790 55 7.96 110 0.35 750 60 7.96 100 0.35 720 65 7.96 94 0.35 670 65 7.96 86 0.37 640 70 7.96 80 0.39 620 70 7.96 74 0.43 590 75 7.96 68 0.48 550 70 7.96 53 0.52 530 70 2.52 45 0.58 500 70 2.52 34 0.63 480 70 2.52 20 0.72 460 65 2.52 14 0.77 430 40 2.52 9.9 0.84 410 55 2.52 7.6 0.94 390 55 2.52 6.3 1.03 370 50 2.52 6.3 1.12 350 45 2.52 6.3 1.22 340 40 2.52 6.2 1.34 320 40 2.52 5.7 1.47 306 35 2.52 5.3 1.62 290 30 2.52 4.8 1.80 275 70 0.796 3.8 3.7 185 70 0.796 3.5 4.2 175 70 0.796 3.3 4.6 165 70 0.796 3.0 5.1 155 65 0.796 2.8 5.8 146 65 0.796 2.6 6.4 137 65 0.796 2.4 7.0 133 60 0.796 2.25 7.7 126 60 0.796 2.10 8.5 120 55 0.796 1.95 9.4 113 55 0.796 1.85 12.0 100 50 0.796 1.40 17.4 100
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1 H to 1000 H Inductance Tolerance: 10 % from 0.1 H to 1000 H standard, 5 % optional Operating Temperature Range: - 20 C to + 105 C Dielectric Strength: 250 VRMS
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds, Twist = 360 C x 3 Protection: Epoxy uniform roll coated Leads: Tinned copper
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20 C
DIMENSIONS in inches [millimeters]
C (Max.) D (Max.) A (Max.) B (Max.)
0.98 [25.0] Min. 1.22 [31.0] Max.
MODEL IRF-36
A (Max.) 0.236 [6.0]
B (Max.) 0.157 [4.0]
C (Max.) 0.551 [14.0]
D (Max.) 0.026 [0.65]
DESCRIPTION
IRF-36 MODEL 4.7 H INDUCTANCE VALUE 10 % INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
I R F 3 6 E R 4 R 7 K TOL.
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 33
For technical questions contact magnetics@vishay.com
Document Number: 34057 Revision: 10-Aug-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRF-3606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X